PART |
Description |
Maker |
319-065 |
Composite Self-Locking Rotatable Coupling
|
Glenair, Inc.
|
440FN075NF10 440FN075NF12 440FN075NF14 440FN075NF1 |
EMI/RFI Banding Adapter Self-Locking Rotatable Coupling - Full Radius Profile
|
Glenair, Inc.
|
XF5006T |
Data Couplin Transformer
|
XFMRS Inc.
|
2202029 |
Locking element for locking the PCB onto UM-BASIC/PRO housing at level 2
|
PHOENIX CONTACT
|
2202028 |
Locking element for locking the PCB onto UM-BASIC/PRO housing at level 1
|
PHOENIX CONTACT
|
99-2569 |
Non Self-releasing, Rotatable
|
Alcoa international inc.
|
99-2567 |
Non Self-releasing, Rotatable
|
Alcoa international inc.
|
99-2566 |
Non Self-releasing, Rotatable
|
Alcoa international inc.
|
99-2560 |
Non Self-releasing, Rotatable
|
Alcoa international inc.
|
450LB001M08 450LS001M10 450LS001M12 450LS001M14 45 |
Connector Designator L Rotatable Coupling
|
Glenair, Inc.
|
10-00117 |
Cable, 2000 mm, 50-00011 locking dc plug to 50-00011 locking dc plug, 18 AWG, UL1185, shielded
|
Tensility International Corp.
|
SYC130 NEC256 SHC130 SEC130 SGC130 SRC130 NEC250 S |
LED Displays Optoelectronic From old datasheet system Intel® 82566MC Gigabit Ethernet PHY, Single Port, Pb-Free 2LI, FCBGA, Tray Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0659-0 05; No. of Positions: 18; Connector Type: Wire (degrees C): -55 to 85; Generic Name: D-SUB; General Description: Receptacle; Right angle; Inch type screw; MIL-C-24308 C): -55 to 85; Generic Name: D-SUB; General Description: Receptacle; Right angle; Locking device with rectangular mating locking base; Through hole C): -55 to 85; Generic Name: D-SUB; General Description: Receptacle; Right angle; Field-mounting locking device; PCB locking clip; MIL-C-24308 Optoelectronic 光电
|
IDEA NEC
AME, Inc. Sanken Electric Co., Ltd.
|